Part Number Hot Search : 
TED0514 IRF74 CIOH175 IN493 31HTTPL1 IRF73 DAP202 H5TQ2G
Product Description
Full Text Search
 

To Download 5142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 5142 Cable Assembly - SMD Test TweezerTM To BNC Male
Error! No topic specified.
FEATURES: * Test tweezer clip is specially designed for fast, convenient testing of surface mounted devices (SMDs). * Durable tips assure a positive electrical connection. * Cable is 48 inches long. MATERIALS: Connector: 1st End - SMD Test TweezerTM Contact - Beryllium Copper Tweezer Body - Nylon, glass filled. Color: One half red, one half black Marking: "POMONA ELECTRONICS, TEST TWEEZERS" Finish: Contact - Gold plated over Sulfamate nickel 50/100 microinches. Cable: RG 174/U, 26 AWG, PVC insulated, 2.54 (.100) O.D. Nominal Impedance: 50 Ohms. Marking: "POMONA ELECTRONICS 5142-K-*" Molded Breakout: PVC molded to breakout leads and cable. Color: Black Wire: 20 AWG 41/36 stranded T.C., PVC insulated, 2.21 (.087) O.D. Color matches color of Banana Plugs Connector: 2nd End - BNC Male RATINGS: Operating Temperature: +50C. (+122F.) Max. Operating Voltage: 45 VAC, 60 VDC Current: 3 Amperes ORDERING INFORMATION: Model 5142-K-48
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Made in USA
7/1/02 SY/EH/LS Last saved by Laura Goldberg
Sales: 800-490-2361 Fax: 888-403-3360 Technical Assistance: 800-241-2060
PomonaACCESS 90805 (800) 444-6785 or (425) 446-6010 More drawings available at www.pomonaelectronics.com
Page 1 of 1
C:\Laura Goldberg\FlukeDataSheet \d5142_1_02.doc


▲Up To Search▲   

 
Price & Availability of 5142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X